Part Number Hot Search : 
2SC446 3EJS1 89L9PF FS1000 2SB11 ATTIN 241HVI HCF4010
Product Description
Full Text Search
 

To Download RH09122R2ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
RADIAL INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
RH0912L-
O
CONFIGURATION & DIMENSIONSG
A : 9.30.3 B : 11.80.3 C : 25.05 D : 18.05 F : 5.00.3 Wi : 0.650.05 m/m m/m m/m m/m m/m m/m
Ai
B
C
1R5
Ai
White Color Marking
D
O
SCHEMATIC DIAGRAMG
O
MATERIALSG
aO CoreG Ferrite DR core bO WireG Enamelled copper wire (class F) cO HousingG PBT-4130 UL94V-0 dO AdhesiveG Epoxy resin eO RemarkG Products comply with RoHS' requirements
Wi
F
a b c d
1/4O
GENERAL SPECIFICATIONG
aO Temp. riseG 20J max. at rated current. bO Storage temp.G -25J ---- +85J cO Operating temp.G -20J ---- +80J
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
RADIAL INDUCTOR ELECTRICAL CHARACTERISTICSG
DWG No. Inductance ( H ) 1.5 20% 2.2 20% 3.3 20% 4.7 20% 6.8 20% 10.0 10% 15.0 10% 22.0 10% 33.0 10% 47.0 10% 68.0 10% 100.0 10% 150.0 10% 220.0 10% 330.0 10% 470.0 10% 680.0 10% 1000.0 10% AG Bulk Q ref. 30 30 30 30 30 60 50 50 45 40 35 55 40 30 25 25 25 55
ABC'S DWG NO. ABC'S ITEM NO.
RH0912L-
1/2O
Test Freq. ( Hz ) L Q 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 7.960M 7.960M 7.960M 7.960M 7.960M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.252M
RH09121R5ML- RH09122R2ML- RH09123R3ML- RH09124R7ML- RH09126R8ML- RH0912100KL- RH0912150KL- RH0912220KL- RH0912330KL- RH0912470KL- RH0912680KL- RH0912101KL- RH0912151KL- RH0912221KL- RH0912331KL- RH0912471KL- RH0912681KL- RH0912102KL-
SRF ( MHz) typ. 78.0 63.0 50.0 41.0 33.0 27.0 21.0 17.0 13.0 11.0 9.0 7.2 5.7 4.5 3.6 2.9 2.3 1.9
RDC () max. 0.008 0.010 0.018 0.022 0.028 0.043 0.056 0.086 0.140 0.170 0.280 0.330 0.560 0.720 1.100 1.700 2.300 4.300
IDC (A) max. 5.40 4.50 3.60 3.10 2.50 2.10 1.70 1.40 1.10 0.96 0.79 0.66 0.53 0.44 0.36 0.30 0.25 0.20
1). Package information ... 2). "":Reference code
BG Taping / Reel
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
RADIAL INDUCTOR
TYPED PACKAGE DIMENSIONSG
ABC'S DWG NO. ABC'S ITEM NO.
RH0912L-
h
P2 H1 H2
W0
W2 W1 W3
P1 F
P
D T
Item Tape feed hole diameter Component lead pitch Front-to-rear deelectton Feed hole to bottom of component Feed hold to overall component height Feed hole pitch Lead location Center of component location Overall taped package thinkness Feed hole location Adhesive tape width Adhesive tape position Tape wide
Symbol D F h H1 H2 P P1 P2 T W0 W1 W2 W3
Specification Milimeter Size Tolerance Size 4.00 5.00 2.00 18.50 30.30 12.70 3.85 6.35 1.42 9.00 15.00 4.00 18.00 0.20 0.50 max. 0.80 1.00 0.30 0.70 1.30 max. 0.50 0.50 max. 0.50 0.157 0.200 0.079 0.728 1.083 0.500 0.152 0.250 0.056 0.354 0.598 0.157 0.709
Inch Tolerance 0.008 0.020 max. 0.040 0.040 0.012 0.028 0.051 max. 0.020 0.020 max. 0.020
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
RADIAL INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
RH0912L-
PACKAGING NO. : B REEL G 500 PCS PACKAGING INFORMATION : 1B INTERNAL PACKAGING : 500PCS / R 54 m/m
COVER TAPE
330 m/m
EMBOSSED CARRIER
2B MIDDLE PACKAGING : 1 R / BOX 350 m/m
CARRIER TAPE WIDTH : D
LABEL
345 m/m 3B EXTERNAL PACKAGING : 6 BOX / CARTON
375 m/m
375 m/m Q'TY & G.W.PER PACKAGEING : INNER : REEL DWG NO.
Q'TY(PCS) G.W.(gw)
370 m/m
OUTER : CARTON
Q'TY(PCS) G.W.(Kg)
55 m/m
STYLE (m/m)
SIZE (cm) 37.5x37.0x37.5
RH0912 AR-001A
500
1100
13-54
3000
7.20
D
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
RADIAL INDUCTOR DWGING NUMBER EXPRESSIONG
ABC'S DWG NO. ABC'S ITEM NO.
RH0912L-
3/4O
R
H
0
9
1
2 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements
Appendix code 2G Package Information
Code A B C D
Inner package T.B.D. T / R ( Reel package ) Bag T / B ( Box package )
Inner package Q'TY T.B.D. 500 200 1000 pcs pcs pcs
Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
RADIAL INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
RH0912L-
O
UL CARDG
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg Mark Dsg ____
____ ____ ____ ____
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
BC
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
ANSI Type
Temp Class
220 130 200 180 200
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
Mtl Dsg
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mark Dsg ____
____ ____ ____ ____ ____
BC
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
Coat Typ
OC
Polyamide ____ ____ ____ Nylon Polyamide
ANSI Type
MW80C MW2-C ___ MW75C MW28-C MW28-C
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks , material designation or marked designation on packaed or reel, and or aPq1/2u Recognized Component Mark. See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AR-001A


▲Up To Search▲   

 
Price & Availability of RH09122R2ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X